PART |
Description |
Maker |
1202A 1202FA |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
1510FB |
200 V - 1000 V Single Phase Bridge
|
Voltage Multipliers
|
1502A 1502FA 1506A 1506FA 1506UFA 1510FA 1502UFA 1 |
200 V - 1,000 V Single Phase Bridge 22.0 A - 25.0 A Forward Current 70 ns - 3000 ns Recovery Time 1000 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 70 ns recovery time 1000 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 70 ns recovery time 600 V single phase bridge 22-25 A forward current, 150 ns recovery time 600 V single phase bridge 22-25 A forward current, 3000 ns recovery time 200 V single phase bridge 22-25 A forward current, 150 ns recovery time 200 V single phase bridge 22-25 A forward current, 3000 ns recovery time
|
Voltage Multipliers Inc...
|
MB6S MB10S MB4S |
Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes Single Phase 0.8 AMPS. Glass Passivated Bridge Rectifiers Voltage Range 200 to 1000 Volts Current 0.8 Amperes
|
Kingtronics International Company Kingtronics Internation...
|
MB6S |
Miniature Glass Passivated Single-Phase Surface Mount Bridge Rectifiers Reverse Voltage 200 to 1000 Volts Forward Current 0.5 Ampere
|
GOOD-ARK Electronics
|
1106B 1102UFB 1106FB 1102FB 1102B 1110FB 1110UFB 1 |
600 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 200 V single phase bridge 1.4-1.5 A forward current, 3000 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 150 ns recovery time 1000 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time 600 V single phase bridge 1.4-1.5 A forward current, 70 ns recovery time
|
Voltage Multipliers
|
MB3505-BC01 MB351-BC01 MB352-BC01 MB354-BC01 MB356 |
35A, 600V ultra fast recovery rectifier 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 50 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 400 V, SILICON, BRIDGE RECTIFIER DIODE 35 Amp Single Phase Bridge Rectifier 50 to 1000 Volts 35 A, 100 V, SILICON, BRIDGE RECTIFIER DIODE
|
MCC[Micro Commercial Components] Micro Commercial Components Corp. Micro Commercial Components, Corp.
|
RB154-BP RB15108 RB152-BP RB156-BP RB155-BP RB153- |
1.5 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 1.5A 200V RB-15 1.5 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp.
|
RS401L08 RS407GL-BP RS406GL-BP RS401GL-BP RS402GL- |
4 Amp Single Phase Bridge Rectifier 50 to 1000 Volts RECTIFIER BRIDGE 4A 1000V RS-4L 4 A, 1000 V, SILICON, BRIDGE RECTIFIER DIODE RECTIFIER BRIDGE 4A 200V RS-4L 4 A, 200 V, SILICON, BRIDGE RECTIFIER DIODE
|
天津环球磁卡股份有限公司 Micro Commercial Components, Corp. Micro Commercial Compon...
|
MP1510 MP1505 MP1507 MP1503 MP154 MP158 MP151 MP15 |
SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 15 Amperes) 单相玻璃钝化硅桥式整流器(电压范50000伏特,电流十五安培) (MP1505 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER (MP151 - MP1510) SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
|
RECTRON[Rectron Semiconductor]
|